PART |
Description |
Maker |
RN49A1 |
TOSHIBA Transistor Silicon PNP / NPN Epitaxial Type
|
Toshiba Semiconductor
|
RN2211 RN2210 |
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
|
TOSHIBA[Toshiba Semiconductor]
|
RN2511 RN2510 |
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
|
TOSHIBA[Toshiba Semiconductor]
|
RN2905 RN2906 RN2904 RN2902 RN2903 RN2901 |
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
|
TOSHIBA[Toshiba Semiconductor]
|
RN2609 RN2607 RN2608 |
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
|
TOSHIBA[Toshiba Semiconductor]
|
TPCP8901 |
TOSHIBA Transistor Silicon NPN / PNP Epitaxial Type (PCT Process)
|
Toshiba Semiconductor
|
HN3B02FU |
TOSHIBA Transistor Silicon PNP⋅NPN Epitaxial Type (PCT Process)
|
Toshiba Semiconductor
|
RN2306 RN2302 RN2303 RN2304 RN2301 RN2305 |
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Transistor Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
Q62702-F1063 BFT93 |
PNP Silicon RF Transistor for broadba... PNP Silicon RF Transistor (For low distortion broadband amplifiers up to 1 GHz at collector currents from 2mA up to 20mA) UHF BAND, Si, PNP, RF SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon http://
|
50N06-TA3-T 50N06-TF3-T 2SA102005 2SA1797-X-AA3-R |
SILICON PNP EPITAXIAL TRANSISTOR 2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR SILICON PNP EPITAXIAL TRANSISTOR 进步党硅外延晶体 REVERSIBLE MOTOR DRIVER NPN EPITAXIAL PLANAR TRANSISTOR HIGH CURRENT SWITCHIG APPLICATIONS HIGH CURRENT SWITCHING APPLICATIONS HIGH VOLTAGE NPN TRANSISTOR HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR NPN SILICON TRANSISTOR HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA) HIGH-FREQUENCY AMPLIFIER TRANSISTOR AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR SILICON PNP TRANSISTOR LOW FREQUENCY PNP TRANSISTOR MEDIUM POWER LOW VOLTAGE TRANSISTOR MEDIUM POWER TRANSISTOR LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR PNP EPITAXIAL PLANAR TRANSISTOR 50 Amps, 60 Volts N-CHANNEL POWER MOSFET
|
UNISONIC TECHNOLOGIES CO LTD ??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
2SK231202 2SK231207 2SK2312 |
TOSHIBA FIELD EFFECT TRANSISTOR SILICON N CHANNEL MOS TYPE (L2-PI-MOSV) CHOPPER Regulator, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2−?MOSV) TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2−ば-MOSV)
|
Toshiba Semiconductor
|
2SA1742 2SA1742K 2SA1742-K |
7 A, 60 V, PNP, Si, POWER TRANSISTOR Silicon powor transistor PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
NEC[NEC]
|